Part Number Hot Search : 
3025CUR FMMT2369 S5DNF20V 3EZ150D 01130 BDY56 NCV5171 M29LV0
Product Description
Full Text Search
 

To Download YPAL045X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ptc thermistors: type yp over-current protection description: a range of radially-wired ptc disc thermistors with black silicone resin coating. features: designed for general purpose over-current, over- voltage and direct over-temperature protection wide range of operating current & voltage levels approved to cecc 44 001 - 002 (certificate e1254/f) excellent stability fail-safe operation solid state high performance barium titanate ceramic suitable for automatic pcb insertion options: non-standard resistances and tolerances resistance matching non-standard wire lengths other wire configurations packaging: all types in the yp range are available loose- packed, as shown in the drawing. devices are also available on bandolier (tape & reel): types with diameter a <13.5mm comply with iec 286-2. to identify the packaging required, replace x in the product codes shown in table as follows: bandoliered ........................................................t loose-packed ....................................................n devices are also available with dimension h 0 (as specified in iec 286-2) of 18mm instead of the standard 16mm. these parts can be ordered by adding the suffix 18 to the code e.g. ypalo.80t18. pack quantities: loose-packed...........................................500/box bandoliered a<13.5mm .........................1000/reel (0.5" pitch) a>=13.5mm............................500/reel (1" pitch) data: tolerance on r 25 .....................................25% ambient temperature range: at maximum voltage ........................0 to +60? at zero voltage ...........................-25 to +125? lead wire material ...............solder-coated brass body coating .................................silicone resin (except types ypel3500x & ypel6250x) dimensions: bowthorpe thermometrics thermometrics, inc. keystone thermometrics corporation crown industrial estate, priorswood road 808 us highway 1 967 windfall road taunton, somerset ta2 8qy uk edison, new jersey 08817-4695 usa st. marys, pennsylvania 15857-3397 usa tel +44 (0) 1823 335200 tel +1 (732) 287 2870 tel +1 (814) 834 9140 fax +44 (0) 1823 332637 fax +1 (732) 287 8847 fax +1 (814) 781 7969
ptc thermistors: type yp over-current protection bowthorpe thermometrics thermometrics, inc. keystone thermometrics corporation crown industrial estate, priorswood road 808 us highway 1 967 windfall road taunton, somerset ta2 8qy uk edison, new jersey 08817-4695 usa st. marys, pennsylvania 15857-3397 usa tel +44 (0) 1823 335200 tel +1 (732) 287 2870 tel +1 (814) 834 9140 fax +44 (0) 1823 332637 fax +1 (732) 287 8847 fax +1 (814) 781 7969 v max =30vdc t b =120? v max =80vdc t b =80? v max =80vdc t b =120? v max =265vrms t b =80? v max =265vrms t b =120? v max =420vrms t b =120? v max =550vrms t b =120? group code r 25 0.45 0.8 1.2 1.8 4.6 13 2.3 3.7 5.6 9.4 25 55 2.3 3.7 5.6 9.4 25 55 6 10 15 25 70 150 6 10 15 25 35 45 55 65 70 120 150 600 1200 1500 3500 6250 brand code thm ypal 0.45 thm ypal 0.80 thm ypal 1.20 thm ypal 1.80 k l thm ypbj 2.30 thm ypbj 3.70 thm ypbj 5.60 thm ypbj 9.40 m n thm ypbl 2.30 thm ypbl 3.70 thm ypbl 5.60 thm ypbl 9.40 o p thm ypcj 0006 thm ypcj 0010 thm ypcj 0015 thm ypcj 0025 q r thm ypcl 0006 thm ypcl 0010 thm ypcl 0015 thm ypcl 0025 thm ypcl 0035 thm ypcl 0045 thm ypcl 0055 thm ypcl 0065 s z t u v w x y cecc approval yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes yes i nt a 1.3 0.85 0.6 0.45 0.25 0.12 0.245 0.17 0.13 0.09 0.05 0.03 0.45 0.32 0.25 0.15 0.085 0.05 0.17 0.11 0.09 0.06 0.03 0.015 0.33 0.2 0.14 0.1 0.08 0.07 0.06 0.055 0.055 0.035 0.03 0.021 0.015 0.012 0.008 0.006 i t a 2.6 1.7 1.2 0.9 0.5 0.24 0.5 0.35 0.265 0.19 0.11 0.06 0.9 0.64 0.5 0.3 0.17 0.1 0.35 0.23 0.18 0.13 0.07 0.04 0.66 0.4 0.28 0.2 0.16 0.14 0.125 0.11 0.11 0.07 0.06 0.039 0.03 0.024 0.018 0.014 i mo a 8 5.5 4.3 3 1 0.7 8 5.5 4.3 3 1 0.7 8 5.5 4.3 3 1 0.7 4.1 2.2 1.5 1 0.4 0.2 4.1 2.2 1.5 1 1 1 1 1 0.4 0.4 0.2 0.2 0.1 0.1 0.25 0.15 i r ma 115 80 70 60 45 25 40 30 25 20 16 12 40 30 25 20 16 12 10 8 6 5 4 3 15 13 10 9 9 9 9 9 6 5 5 3 3 2 2.5 1.5 a mm 17.5 13.5 11 9 6.5 4 17.5 13.5 11 9 6.5 4 17.5 13.5 11 9 6.5 4 17.5 13.5 11 9 6.5 4 17.5 13.5 11 9 9 9 9 9 6.5 6.5 4 6.5 6.5 6.5 4 4 b mm 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 4 4 l mm 21 17 14.5 12.5 10 7.5 21 17 14.5 12.5 10 7.5 21 17 14.5 12.5 10 7.5 21 17 14.5 12.5 10 7.5 21 17 14.5 12.5 12.5 12.5 12.5 12.5 10 10 7.5 10 10 10 7.5 7.5 d mm 0.6 0.6 0.6 0.6 0.6 0.5 0.6 0.6 0.6 0.6 0.6 0.5 0.6 0.6 0.6 0.6 0.6 0.5 0.6 0.6 0.6 0.6 0.6 0.5 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.5 0.6 0.6 0.6 0.5 0.5 v max maximum operating voltage t b switching temperature r 25 resistance at 25? i nt maximum current without tripping (25? ambient) i t minimum trip current (25? ambient) i mo maximum overload current i r residual current (25? ambient) ypalo.45x ypalo.80x ypal1.20x ypal1.80x ypal4.60x ypaloo13x ypbj2.30x ypbj3.70x ypbj5.60x ypbj9.40x ypbj0025x ypbj0055x ypbl2.30x ypbl3.70x ypbl5.60x ypbl9.40x ypbl0025x ypbl0055x ypcj0006x ypcj0010x ypcj0015x ypcj0025x ypcj0070x ypcj0150x ypcl0006x ypcl0010x ypcl0015x ypcl0025x ypcl0035x ypcl0045x ypcl0055x ypcl0065x ypcl0070x ypcl0120x ypcl0150x ypdl0600x ypek1200x ypek1500x ypel3500x ypel6250x


▲Up To Search▲   

 
Price & Availability of YPAL045X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X